PART |
Description |
Maker |
DSS6NC52A271T41B DSN6NC51H330Q56B DSN6NC51H222Q56B |
1 FUNCTIONS, 100 V, 6 A, DATA LINE FILTER 1 FUNCTIONS, 50 V, 6 A, FEED THROUGH CAPACITOR FILTER NETWORK 100V 270PF 20%
|
MURATA MANUFACTURING CO LTD
|
4403-061 |
EMI/RFI FILTER Bushing #4 1 FUNCTIONS, 200 V, 10 A, FEED THROUGH CAPACITOR
|
TUSONIX, Inc.
|
4305-002 |
EMI/RFI FILTER Solder Mount 1 FUNCTIONS, 200 V, 5 A, FEED THROUGH CAPACITOR
|
TUSONIX, Inc.
|
LX7203-22ISM LX7203-15ISM |
EMI Filter & ESD Protection for Up Stream USB Ports 2 FUNCTIONS, DATA LINE FILTER EMI Filter & ESD Protection for Up Stream USB Ports Integrated EMI Filters and TVS diodes
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
NFW31SP407X1E4L NFW31SP206X1E4L |
FILTER LC EMI 400MHZ 200MA 1206 1 FUNCTIONS, 25 V, 0.2 A, DATA LINE FILTER FILT, FILTER EMI 200MA 3DB CUTOFF 20MHZ 1 FUNCTIONS, 25 V, 0.2 A, DATA LINE FILTER
|
Murata Manufacturing Co., Ltd.
|
MICRF501 MICRF501BLQ |
512 MACROCELL 3.3 VOLT ZERO POWER ISP CP - NOT RECOMMENDED for NEW DESIGN 300MHz to 600MHz RadioWireRF Transceiver 300MHz to 600MHz RadioWire RF Transceiver 300MHz to 600MHz RadioWire⑩ RF Transceiver
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
ADDC2803SCTV/QMLH ADDC2805SCTV/QMLH 5962-9760101HX |
DC-to-DC Voltage Converter Analog IC 28 V/66 W/100 W DC/DC Converters with Integral EMI Filter 28 V/66 W/100中西区区议会/ DC转换器与积分EMI滤波 28 V/66 W/100 W DC/DC Converters with Integral EMI Filter 3-OUTPUT 66 W DC-DC REG PWR SUPPLY MODULE
|
Analog Devices, Inc.
|
CSPRC032 CSPRC032500430 |
Chip scale EMI filter nerwork CHIP SCALE PACKAGE(CSP) EMI FILTER NETWORK
|
CALMIRCO[California Micro Devices Corp] http://
|
EMIF03-SIM04F3 |
3-line EMI filter and ESD protection for SIM card interfaces 3-line IPAD? EMI filter including ESD protection
|
ST Microelectronics STMicroelectronics
|
EMIF10-COM01 |
EMI滤波器包括静电放电保 ±15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 8-MSOP EMI FILTER INCLUDING ESD PROTECTION EMI FILTER INCLUDING ESD PROTECTION
|
STMicroelectronics ST Microelectronics
|